Part Number Hot Search : 
MOC21 7S11BMT 2SD188 HD74LV08 F1A1G 2SK24607 AUY14A2 NCE0157D
Product Description
Full Text Search
 

To Download 1750000332 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CPU Coolers
Model Names Minimum Chassis Height CPU Package CPU Speed Heat Sink Material Fan Speed Weight Dimension
Special CPU Cooler
1750000400 2U Only for PCE-5120 up to 3.4 GHz (90 nm, 110 W, L2: 1 MB) Copper 5,400 +- 10% RPM 672 g 89 x 74 x 51 mm 1750000282 2U Only for PCE-7210 up to 3.8 GHz (90 nm, 115 W, L2: 1 MB) Copper 6,800 +- 10% RPM 624 g 82 x 58 x 65.5 mm 2U
Pentium 4 LGA775
1750000332 1750000334 4U Intel Pentium 4 LGA775 up to 3.8 GHz (90 nm, 115 W, L2: 1 MB) Aluminum fins & copper heart 4,500 +- 10% RPM 550 g 110 x 110 x 67 mm
Pentium 4 Socket 478
1750000242 1U Intel Pentium 4 Socket 478 up to 2.5 GHz (0.13 micron, 61 W, L2: 512 KB) Copper 3,800 +- 10% RPM 335 g 88.5 x 62 x 29.9 mm
Intel Pentium 4 LGA775 up to 3.8 GHz (90 nm, 115 W, L2: 1 MB) Copper 5,300 +- 10% RPM 560 g 80 x 80 x 55 mm
Model Names Minimum Chassis Height CPU Package CPU Speed Heat Sink Material Fan Speed Weight Dimension
Pentium 4 Socket 478
1750000432 1U Intel Pentium 4 Socket 478 up to 2.8 GHz (0.13 micron, 70 W, L2: 512 KB) Copper 4,800 +- 10% RPM 478 g 93 x 77 x 27 mm 1750000257 2U Intel Pentium 4 Socket 478 up to 3.2 GHz (90 nm, 89 W, L2: 1 MB) Copper 4,500 +- 10% RPM 565 g 83 x 69 x 55.5 mm
Pentium III
1759254100 1U Intel Pentium III FC-PGA II up to 1.26 GHz (Tualatin) Aluminum 4,700 +- 10% RPM 101 g 59 x 57x 28 mm 1759200100 1U Intel MMX Aluminum
Intel MMX
1759212600 2U Intel MMX Aluminum 5,000 +- 10% RPM 77 g 52 x 52x 42 mm
5,000 +- 10% RPM 77 g 52 x 52x 29 mm
All product specifications are subject to change without notice
Last updated : 1-Mar-2007


▲Up To Search▲   

 
Price & Availability of 1750000332

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X